Part Number Hot Search : 
MTDA20A2 00ETTS 2SC4226W WM8750BL 00069 WM8750BL AP4511M T6816
Product Description
Full Text Search
 

To Download MC74LCX543SD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Advance Information
Low-Voltage CMOS Octal Latching Transceiver
With 5V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
The MC74LCX543 is a high performance, non-inverting octal latching transceiver operating from a 2.7 to 3.6V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5V allows MC74LCX543 inputs to be safely driven from 5V devices. The MC74LCX543 is suitable for memory address driving and all TTL level bus oriented transceiver applications. For data flow from A to B with the EAB LOW, the A-to-B Output Enable (OEAB) must be LOW in order to enable data to the B bus, as indicated in the Function Table. With EAB LOW, a LOW signal on the A-to-B Latch Enable (LEAB) input makes the A-to-B latches transparent; a subsequent LOW-to-HIGH transition of the LEAB signal will latch the A latches, and the outputs no longer change with the A inputs. With EAB and OEAB both LOW, the 3-State B output buffers are active and reflect the data present at the output of the A latches. Control of data flow from B to A is symetric to that above, but uses the EBA, LEBA, and OEBA inputs.
MC74LCX543
LOW-VOLTAGE CMOS OCTAL LATCHING TRANSCEIVER
24 1
DW SUFFIX PLASTIC SOIC CASE 751E-04
* * * * * * * *
Designed for 2.7 to 3.6V VCC Operation 5V Tolerant -- Interface Capability With 5V TTL Logic Supports Live Insertion and Withdrawal IOFF Specification Guarantees High Impedance When VCC = 0V LVTTL Compatible LVCMOS Compatible 24mA Balanced Output Sink and Source Capability
24 1
SD SUFFIX PLASTIC SSOP CASE 940D-03
24 1
DT SUFFIX PLASTIC TSSOP CASE 948H-01
Near Zero Static Supply Current in All Three Logic States (10A) Substantially Reduces System Power Requirements * Latchup Performance Exceeds 500mA
* ESD Performance: Human Body Model >2000V; Machine Model >200V
Pinout: 24-Lead Package (Top View) PIN NAMES
Pins VCC EBA 24 23 B0 22 B1 21 B2 20 B3 19 B4 18 B5 17 B6 16 B7 LEAB OEAB 15 14 13 OExx Exx LExx A0-A7 B0-B7 Function Output Enable Inputs Enable Inputs Latch Enable Inputs 3-State Inputs/Outputs 3-State Inputs/Outputs
1
2
3
4 A1
5 A2
6 A3
7 A4
8 A5
9 A6
10 A7
11
12
LEBA OEBA A0
EAB GND
This document contains information on a new product. Specifications and information herein are subject to change without notice. 11/96
(c) Motorola, Inc. 1996
1
REV 0.3
MC74LCX543
LOGIC DIAGRAM
D Q LE
3
DETAIL A
22
B0 D Q LE
A0
DETAIL A x 7
OEBA EBA LEBA
2 23 1
13 11 14
OEAB EAB LEAB
FUNCTION TABLE
Inputs OEAB H OEBA H X L X L X L H L H H X* L H L X* L H H L X* H X X X* L X X L H L H X X X X X L H EAB EBA LEAB LEBA An Input X X l h Input l h X L H l h Output Z Z Z L H L H Data Ports Bn Input X X l h Output Z Z Z L H L H Input l h X L H l h Load and A Outputs Disabled Hold; A Outputs DIsabled Transparent B to A Latch and Display A Outputs Load and B Outputs Disabled Hold; B Outputs Disabled Transparent A to B Latch and Display B Outputs Disable Outputs Transparent Data; Outputs Disabled Latch and Outputs Disabled Operating Mode
H = High Voltage Level; h = High Voltage Level One Setup Time Prior to the Latch Enable or Enable Low-to-High Transition; L = Low Voltage Level; l = Low Voltage Level One Setup Time Prior to the Latch Enable or Enable Low-to-High Transition; X = Don't Care; * = The latches are not internally gated with the Output Enables. Therefore, data at the A or B ports may enter the latches at any time, provided that the LExx and Exx pins are set accordingly. For ICC reasons, Do Not Float Inputs.
MOTOROLA
2
LCX DATA BR1339 -- REV 3
MC74LCX543
ABSOLUTE MAXIMUM RATINGS*
Symbol VCC VI VO Parameter DC Supply Voltage DC Input Voltage DC Output Voltage Value -0.5 to +7.0 -0.5 VI +7.0 -0.5 VO +7.0 -0.5 VO VCC + 0.5 IIK IOK DC Input Diode Current DC Output Diode Current -50 -50 +50 IO ICC IGND TSTG DC Output Source/Sink Current DC Supply Current Per Supply Pin DC Ground Current Per Ground Pin Storage Temperature Range 50 100 100 -65 to +150 Output in 3-State Note 1. VI < GND VO < GND VO > VCC Condition Unit V V V V mA mA mA mA mA mA C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied. 1. Output in HIGH or LOW State. IO absolute maximum rating must be observed.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO IOH IOL IOH IOL TA t/V Supply Voltage Input Voltage Output Voltage (HIGH or LOW State) (3-State) Parameter Operating Data Retention Only Min 2.0 1.5 0 0 0 Typ 3.3 3.3 Max 3.6 3.6 5.5 VCC 5.5 -24 24 -12 12 -40 0 +85 10 Unit V V V mA mA mA mA C ns/V
HIGH Level Output Current, VCC = 3.0V - 3.6V LOW Level Output Current, VCC = 3.0V - 3.6V HIGH Level Output Current, VCC = 2.7V - 3.0V LOW Level Output Current, VCC = 2.7V - 3.0V Operating Free-Air Temperature Input Transition Rise or Fall Rate, VIN from 0.8V to 2.0V, VCC = 3.0V
DC ELECTRICAL CHARACTERISTICS
TA = -40C to +85C Symbol VIH VIL VOH Characteristic HIGH Level Input Voltage (Note 2.) LOW Level Input Voltage (Note 2.) HIGH Level Output Voltage Condition 2.7V VCC 3.6V 2.7V VCC 3.6V 2.7V VCC 3.6V; IOH = -100A VCC = 2.7V; IOH = -12mA VCC = 3.0V; IOH = -18mA VCC = 3.0V; IOH = -24mA VOL LOW Level Output Voltage 2.7V VCC 3.6V; IOL = 100A VCC = 2.7V; IOL= 12mA VCC = 3.0V; IOL = 16mA VCC = 3.0V; IOL = 24mA 2. These values of VI are used to test DC electrical characteristics only. VCC - 0.2 2.2 2.4 2.2 0.2 0.4 0.4 0.55 V Min 2.0 0.8 Max Unit V V V
LCX DATA BR1339 -- REV 3
3
MOTOROLA
MC74LCX543
DC ELECTRICAL CHARACTERISTICS (continued)
TA = -40C to +85C Symbol II IOZ IOFF ICC ICC Characteristic Input Leakage Current 3-State Output Current Power-Off Leakage Current Quiescent Supply Current Condition 2.7V VCC 3.6V; 0V VI 5.5V 2.7 VCC 3.6V; 0V VO 5.5V; VI = VIH or V IL VCC = 0V; VI or VO = 5.5V 2.7 VCC 3.6V; VI = GND or VCC 2.7 VCC 3.6V; 3.6 VI or VO 5.5V Increase in ICC per Input 2.7 VCC 3.6V; VIH = VCC - 0.6V Min Max 5.0 5.0 10 10 10 500 Unit A A A A A A
AC CHARACTERISTICS (Note 3.; tR = tF = 2.5ns; CL = 50pF; RL = 500)
Limits TA = -40C to +85C VCC = 3.0V to 3.6V Symbol tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ tPZH tPZL tPHZ tPLZ ts th ts th tw tOSHL tOSLH Parameter Propagation Delay An to Bn or Bn to An Propagation Delay LEBA to An or LEAB to Bn Output Enable Time OEBA to An or OEAB to Bn Output Disable Time OEBA to An or OEAB to Bn Output Enable Time EBA to An or EAB to Bn Output Disable Time EBA to An or EAB to Bn Setup Time, HIGH to LOW Data to LExx Hold Time, HIGH to LOW Data to LExx Setup Time, HIGH to LOW Data to Exx Hold Time, HIGH to LOW Data to Exx Latch Enable or Enable Pulse Width, LOW Output-to-Output Skew (Note 4.) Waveform 1 4 2 2 2 2 4 4 4 4 4 Min 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 2.5 1.5 2.5 1.5 3.3 1.0 1.0 Max 7.0 7.0 8.5 8.5 9.0 9.0 7.0 7.0 9.0 9.0 7.0 7.0 VCC = 2.7V Min 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 2.5 1.5 2.5 1.5 3.3 Max 8.0 8.0 9.5 9.5 10.0 10.0 7.5 7.5 10.0 10.0 7.5 7.5 Unit ns ns ns ns ns ns ns ns ns ns ns ns
3. These AC parameters are preliminary and may be modified prior to release. The maximum AC limits are design targets. Actual performance will be specified upon completion of characterization. 4. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH); parameter guaranteed by design.
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25C Symbol VOLP Characteristic Dynamic LOW Peak Voltage (Note 5.) Condition VCC = 3.3V, CL = 50pF, VIH = 3.3V, VIL = 0V Min Typ 0.8 Max Unit V
VOLV Dynamic LOW Valley Voltage (Note 5.) VCC = 3.3V, CL = 50pF, VIH = 3.3V, VIL = 0V 0.8 V 5. Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH-to-LOW or LOW-to-HIGH. The remaining output is measured in the LOW state.
MOTOROLA
4
LCX DATA BR1339 -- REV 3
MC74LCX543
CAPACITIVE CHARACTERISTICS
Symbol CIN CI/O CPD Parameter Input Capacitance Input/Output Capacitance Power Dissipation Capacitance Condition VCC = 3.3V, VI = 0V or VCC VCC = 3.3V, VI = 0V or VCC 10MHz, VCC = 3.3V, VI = 0V or VCC Typical 7 8 25 Unit pF pF pF
2.7V An or Bn 1.5V 0V tPLH, tPHL VOH Bn or An 1.5V VOL WAVEFORM 1 - A/B to B/A PROPAGATION DELAYS tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns
2.7V OExx or Exx 1.5V 1.5V 0V tPZH An or Bn 1.5V 0V tPZL An or Bn 1.5V VOL + 0.3V tPLZ 3.0V tPHZ VOH - 0.3V
WAVEFORM 2 - OExx/Exx to A or B OUTPUT ENABLE AND DISABLE TIMES tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns
Figure 1. AC Waveforms
LCX DATA BR1339 -- REV 3
5
MOTOROLA
MC74LCX543
2.7V An or Bn tw 1.5V 1.5V Exx or LExx 1.5V tw tPLH, tPHL POSITIVE PULSE 1.5V tw 1.5V An or Bn 1.5V VOL WAVEFORM 3 - INPUT PULSE DEFINITION tR = tF = 2.5ns, 10% to 90% of 0V to 2.7V WAVEFORM 4 - Enable to A or B PROPAGATION DELAYS, Enable MINIMUM PULSE WIDTH, A or B to Enable SETUP AND HOLD TIMES tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns except when noted VOH 1.5V 0V ts th 2.7V 1.5V 0V NEGATIVE PULSE
Figure 2. AC Waveforms (continued)
VCC 6V OPEN GND
PULSE GENERATOR RT
DUT CL
R1 RL
TEST tPLH, tPHL tPZL, tPLZ Open Collector/Drain tPLH and tPHL tPZH, tPHZ
SWITCH Open 6V 6V GND
CL = 50pF or equivalent (Includes jig and probe capacitance) RL = R1 = 500 or equivalent RT = ZOUT of pulse generator (typically 50)
Figure 3. Test Circuit
MOTOROLA
6
LCX DATA BR1339 -- REV 3
MC74LCX543
OUTLINE DIMENSIONS
DW SUFFIX PLASTIC SOIC PACKAGE CASE 751E-04 ISSUE E -A -
24 13 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 15.25 15.54 7.60 7.40 2.65 2.35 0.49 0.35 0.90 0.41 1.27 BSC 0.32 0.23 0.29 0.13 8 0 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.601 0.612 0.292 0.299 0.093 0.104 0.014 0.019 0.016 0.035 0.050 BSC 0.009 0.013 0.005 0.011 0 8 0.395 0.415 0.010 0.029
-B -
1 12
P 12 PL 0.010 (0.25)
M
B
M
J D 24 PL 0.010 (0.25)
M
TA
S
B
S
F R X 45 C -T - SEATING PLANE G 22 PL K M
SD SUFFIX PLASTIC SSOP PACKAGE CASE 940D-03 ISSUE B
24X
K REF 0.12 (0.005)
M
TU
S
V
S
L/2 L
PIN 1 IDENT
24
13
J B
1
12
A -V- 0.20 (0.008)
M
-U- N
S
TU
N F DETAIL E
DIM A B C D F G H J J1 K K1 L M
0.076 (0.003) -T-
SEATING PLANE
C D G H
DETAIL E
LCX DATA BR1339 -- REV 3
7
C EEE CCCC ECCC EE CCCC
K1 M
K
J1
SECTION N-N
0.25 (0.010)
NOTES: 4 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5 CONTROLLING DIMENSION: MILLIMETER. 6 DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 7 DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 8 DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION/INTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF K DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR INTRUSION SHALL NOT REDUCE DIMENSION K BY MORE THAN 0.07 (0.002) AT LEAST MATERIAL CONDITION. 9 TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 10 DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 8.07 8.33 5.20 5.38 1.73 1.99 0.05 0.21 0.63 0.95 0.65 BSC 0.44 0.60 0.09 0.20 0.09 0.16 0.25 0.38 0.25 0.33 7.65 7.90 0_ 8_ INCHES MIN MAX 0.317 0.328 0.205 0.212 0.068 0.078 0.002 0.008 0.024 0.037 0.026 BSC 0.017 0.024 0.003 0.008 0.003 0.006 0.010 0.015 0.010 0.013 0.301 0.311 0_ 8_
-W-
MOTOROLA
MC74LCX543
OUTLINE DIMENSIONS
DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948H-01 ISSUE O
24X K REF
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
2X
L/2
24
13
L
PIN 1 IDENT. 1 12
B -U-
0.15 (0.006) T U
S
A -V-
NOTES: 1 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION: MILLIMETER. 3 DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4 DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5 DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6 TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7 DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 7.70 7.90 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.27 0.37 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.303 0.311 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.011 0.015 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
C 0.10 (0.004) -T- SEATING
PLANE
D
G
H
-W-
DETAIL E N K K1 J1
0.25 (0.010) M
SECTION N-N J
MOTOROLA
CCC EE CCC EE
N F DETAIL E
8
LCX DATA BR1339 -- REV 3
MC74LCX543
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-800-441-2447 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
LCX DATA BR1339 -- REV 3 9
MC74LCX543/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC74LCX543SD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X